Part Number Hot Search : 
741CN MAX5361 2N5462 P1101SCL LC78832M ST89E BFP182 H57AD
Product Description
Full Text Search
 

To Download SMART2200NET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro 2.2kva line interactive ups, serial, 120v model number: SMART2200NET description tripp lite's smart 2200net intelligent, line interactive large tower ups system protects servers, networking accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges. large internal batteries offer 27 minutes half load runtime and 11 minutes fully loaded. runtime is expandable with optional bp24v28-2u (limit 1) and bp24v70-3u external battery packs. 2200va/1700 watt power handling capability supports a variety of networking, telecom and other sensitive electronic applications. includes 6 protected outlets. supports remote monitoring of ups and site power conditions via built-in rs-232 enabled monitoring port, plus standard ups monitoring via 2 built in contact closure ports. includes poweralert ups monitoring and unattended shutdown software with complete cabling. built-in audible alarm and front panel leds indicate line power, battery power, battery charge level, load level, plus voltage regulation status. network grade ac surge suppression protects equipment from damage and performance problems resulting from transient surges. features smart 2200net line interactive ups offers battery derived ac output during power outages, voltage regulation during brownouts and overvoltages, plus network-grade ac surge suppression 2200va/1700 watt power handling capability supports a variety of networking, telecom and other sensitive electronic devices large internal batteries offer runtimes of 27 minutes at half load (1100va/850 watts) and 11 minutes at full load (2200va/1700 watts) runtime is further expandable with optional external bp24v28-2u (limit 1) and bp24v70-3u (multi-pack compatible) battery packs automatic voltage regulation (avr) circuits maintain 120v nominal output over an input voltage range of 87-140v includes 6 fully protected nema 5-15r outlets with 2 single outlet load banks that can be individually powered off and back on again via software interface poweralert ups monitoring and unattended shutdown software enables configurable network broadcast messaging, email notification, event logging and running user defined script commands offers simultaneous monitoring of up to 3 directly connected devices through included db9 contact closure and rs-232 enabled interfaces, or the monitoring of any number of additional servers over ip with included poweralert monitoring software in addition to the contact closure monitoring of on battery, low battery and power restored messaging, built-in rs-232 interface supports messaging of ups and line power status, including ac line voltage, dc battery voltage and remaining battery capacity supports activate self-test and ups output power control for delayed or immediate reboot of connected equipment diagnostic leds (indicate 17 performance conditions) highlights 2.2kva / 2200va line interactive, extended-run tower ups 120v output, corrects brownouts and overvoltages from 87v to 140v 3 db9 communication ports (1 rs232 / 2 contact-closure) front panel status leds with load and battery capacity display 2 independently switchable output load banks nema 5-15p input, 6 nema 5-15r outlets package includes smart 2200net ups system poweralert software and three 6 foot network cables instruction manual 1 / 5
specifications output output volt amp capacity (va) 2200 output kva capacity (kva) 2.2 output watt capacity (watts) 1700 output kw capacity 1.7 output power factor 0.8 nominal output voltage(s) supported 120v frequency compatibility 60 hz output voltage regulation (line mode) -13% / +5% output voltage regulation (battery mode) +/- 5% built-in ups output receptacles 6 5-15r outlet(s) built-in controllable switched load banks two switchable single outlet 5-15r load banks output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (at maximum load) 15a nominal input voltage(s) supported 120v ac ups input connection type 5-15p input circuit breaker 20a ups input cord length (ft.) 8 ups input cord length (m) 2.4 recommended electrical service 20a 120v input cord length (ft.) 8 input cord length (m) 2.4 phase single-phase battery full load runtime (minutes) 11 min. (1700w) half load runtime (minutes) 27 min. (850w) expandable battery runtime extended runtime supported via optional external battery packs 2 / 5
external battery pack compatibility bp24v28-2u (limit 1); bp24v70-3u (multi-pack compatible) dc system voltage (vdc) 24 battery recharge rate (included batteries) less than 9 hours from 10% to 90% voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 87 to 140 overvoltage correction input voltages between 127 and 140 are reduced by 12% undervoltage correction input voltages between 95 and 105 are boosted by 10% severe undervoltage correction input voltages between 87 and 94 are boosted by 22% leds alarms & switches led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status alarms audible alarm indicates power-failure and low-battery conditions alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status switches 2 switches control off/on power status and alarm-cancel/self-test operation; set of 4 rear-panel switches control system enable and contact closure port inverter shutoff commands surge / noise suppression ups ac suppression joule rating 720 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes ac suppression joule rating 720 ac suppression response time instantaneous physical installation form factors supported with included accessories tower primary form factor tower ups / power module dimensions in primary form factor (height x width x depth / inches) 17 x 9 x 12.5 ups / power module dimensions in primary form factor (height x width x depth / cm) 43.2 x 22.9 x 31.8 ups / power module weight (lbs) 80 ups / power module weight (kg) 36.3 ups shipping dimensions (height x width x depth / inches) 22.2 x 12.8 x 16.5 3 / 5
ups shipping dimensions (height x width x depth / cm) 56.5 x 32.4 x 41.9 shipping weight (lbs) 87 shipping weight (kg) 39.5 ups housing material polycarbonate environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 58.4 battery mode btu / hr. (full load) 863.7 ac mode efficiency rating (100% load) 99% communications communications interface db9 serial; contact closure network monitoring port description supports detailed monitoring of ups and site power conditions; contact closure communications via two additional db9 ports (3 total) poweralert software included communications cable 3 db9 cables included line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 87 high voltage transfer to battery power (setpoint) 140 special features cold start (startup in battery mode during a power failure) cold-start operation supported green & high efficiency features individually controllable load banks certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category a (emi) warranty product warranty period (worldwide) 2-year warranty, 3 year with registration. note: registration is required for 3-year warranty. 4 / 5
connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance related items optional products model number description qty. bp24v28-2u bp24v28-2u - external battery pack for ups system 1 bp24v70-3u bp24v70-3u - external battery pack for ups system 1 wext5-2200-3000 5-year extended warranty - for smart line-interactive and online tower or rack models, 2200-3000va or less 1 pdu1215 basic pdu / power distribution unit - safe, reliable power distribution for critical networking equipment 1 pdumh15 metered pdu / power distribution unit - safe, reliable power distribution with digital current meter 1 pdumnh15 monitored pdu / power distribution unit supports real-time remote monitoring of load level, voltage and frequency with options for remote environmental and security monitoring 1 pdumh15at metered pdu with ats - power distribution unit with dual-input auto transfer switching 1 pdumh15atnet switched, metered pdu with ats - power distribution unit with dual-input auto transfer switching, individual outlet control and remote network interface 1 p007-002 2-ft. heavy-duty 14awg power cord (iec-320-c13 to nema 5-15p) 1 p007-006 6-ft. heavy-duty 14awg power cord (iec-320-c13 to nema 5-15p) 1 p007-010 10-ft. heavy-duty 14awg power cord (iec-320-c13 to nema 5-15p) 1 p010-012 12-ft. 18awg power cord (nema 5-15p to iec-320-c13) 1 p022-001 1-ft. 18awg power extension cord (nema 5-15r to nema 5-15p) 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/SMART2200NET . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? smart-2200net


▲Up To Search▲   

 
Price & Availability of SMART2200NET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X